Part Number Hot Search : 
12100 02BBBW2 74HC36 TDZ16 U420B SPN04N60 SL021 T6L37A
Product Description
Full Text Search
 

To Download SMV1705-079 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hyperabrupt Junction Tuning Varactor
SMV1705-079 Features
s Low Series Resistance s High Capacitance Ratio s Ultra Small Size SC-79 Package s Designed for High Volume, Low Cost Battery Applications s Available in Tape and Reel Packaging
Description
The SMV1705-079 is a silicon hyperabrupt junction varactor diode specifically designed for battery operation.The specified high capacitance ratio and low RS of this varactor make it appropriate for low noise VCOs used at frequencies in wireless systems to beyond 2.5 GHz. Applications include low noise and wideband UHF and VHF VCO for GSM, PCS, CDMA and analog phones.
Absolute Maximum Ratings
Characteristic Forward Current (IF) Power Dissipation (PD) Storage Temperature (TST) Operating Temperature (TOP) Value 20 mA 250 mW -55C to +150C -55C to +125C
Electrical Specifications at 25C
Parameter Reverse Current (IR) Capacitance (CT) Capacitance (CT) Capacitance Ratio (CTR) Series Resistance (RS) Breakdown Voltage (VBR) VR = 8 V VR = 1 V, F = 1 MHz VR = 4 V, F = 1 MHz CT (1 V)/CT (4 V) VR = 1 V, F = 470 MHz IR = 10 A 12.0 17.3 5.3 2.8 Condition Min. Typ. < 0.01 18.30 6.10 3.00 0.32 V Max. 20.0 19.3 6.6 Unit nA pF pF
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 1/01A
1
Hyperabrupt Junction Tuning Varactor
SMV1705-079
Typical Performance Data
35.0 30.0
Capacitance vs. Voltage
VR (V) 0.0 0.5 CT (pF) 31.5 23.5 18.3 14.3 11.9 9.7 8.3 7.1 6.1 5.5 5.2
Capacitance (pF)
25.0 20.0 15.0 10.0 5.0 0 0 1.0 2.0 3.0 4.0 5.0
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Varactor Voltage (V)
Capacitance vs. Voltage
5
SPICE Model
VVAR = 1 V VVAR = 2.5 V VVAR = 4 V
IND LS L = LS PORT P_anode port = 1 DIODEM Diode_Model IS = 1.00e-14 RS = 0 N=1 TT = 0 CJO = CJO M=M VJ EG = 1.11 XTI = 3 KF =0 AF =1 FC = 0.5 BV = 0 IBV = 1e-3 ISR = 0 NR = 2 IKF = 0 NBV = 1 IBVL = 0 NBVL = 1 TBV1 = 0 TNOM = 27 FFE = 1
Percent of Variation (%)
4 3 2 1 0 -1 -2 -3 -4 -40 -20 0 20 40
RES RS R = RS
60
80
Temperature (C)
Relative Capacitance Change vs. Temperature
DIODE Varactor_Diode AREA = 1 MODEL = Diode_Model MODE = nonlinear
CAP CP C = CP
SC-79
CATHODE 0.006 (0.15 mm) MIN. INDICATOR 0.010 (0.25 mm) MIN. 0.014 (0.35 mm) MAX.
1 2
PORT P_Cathode port = 2
Part Number SMV1705-079
CJO (pF) 31
VJ (V) 3
M 2
CP (pF) 0.5
RS () 0.32
LS (nH) 0.8
0.028 (0.70 mm) MIN. 0.035 (0.90 mm) MAX.
0.060 (1.50 mm) MIN. 0.067 (1.70 mm) MAX. 0.043 (1.10 mm) MIN. 0.051 (1.30 mm) MAX. 0.020 (0.50 mm) MIN. 0.028 (0.70 mm) MAX. 10 MAX.
10 MAX. 0.003 (0.07 mm) MIN. 0.008 (0.20 mm) MAX.
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 1/01A


▲Up To Search▲   

 
Price & Availability of SMV1705-079

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X